isometric isometric isometric isometric title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by 700asp7b10m2reh 2:1 5/24/2010 ST750013 a blr 1 1 panel without locking ring with standard locking ring 12.70 [.500 in] 6.60 [.260 in] .76 [.030 in] 8.80 [.346 in] 7.11 [.280 in] 10.40 [.409 in] 6.35 [.250 in] a 19035 released for production 5/24/10 blr note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. plating material: gold 5. rating: 0.4 a @ 20v (ac or dc) 6. life expectancy: 50,000 make-and-break cycles at full load. 7. insulation resistance: 1,000 mega-ohm min. 8. dielectric strength: 1,500 v rms @sea level. 9. operating temp.: -30c to 75c 10. denotes critical parameter. 11. 2002/90/ec (rohs) compliant 12. hardware to be shipped bulk t100000 - hexnut - qty 2 t100011 - lockwasher - qty 1 t100015 - lockring - qty 1 pos. 1 pos. 2 switch function (on) on 1-3 1-2 (on) = momentary 1 2 3 3 rating 1.27 [.050 in] .76 [.030 in] 4.70 [.185 in] epoxy seal n 2.95 [.116 in] keyway p.c. mounting n 1.85 [.073 in] 4.70 [.185 in] .85 [.033 in] .55 [.022 in] n 6.35 [.250 in] n 2.38 [.094 in] n 6.35 [.250 in] 6.10 [.240 in] 1/4-40 uns-2a threads
|